Part Number Hot Search : 
AN124 20ECB BS521 AK8135F C471MPD 7244S XFVOIP SD1030S
Product Description
Full Text Search
 

To Download AZ23C39-V-GS08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  az23-g-series www.vishay.com vishay semiconductors rev. 1.3, 08-feb-13 1 document number: 85867 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 small signal zener diodes, dual features ? dual silicon planar zener diodes, common anode ? the zener voltages are graded according to the international e24 stan dard. standard zener voltage tolerance is 5 %, indicated by the c in the ordering code. replace c with b for 2 % tolerance. ? the parameters are valid for both diodes in one case. ? v z and ? r zj of the two diodes in one case is ? 5 % ? aec-q101 qualified ? esd capability according to aec-q101: human body model > 8 kv machine model > 800 v ? base p/n-g3 - green, commercial grade ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 primary characteristics parameter value unit v z range nom. 2.7 to 51 v test current i zt 5ma v z specification pulse current int. construction dual common anode 20456 2 3 1 ordering information device name ordering code taped units per reel minimum order quantity az23-g-series az23c2v7-g3-08 to az23c51-g3-08 3000 (8 mm tape on 7" reel) 15 000 az23b2v7-g3-08 to az23b51-g3-08 az23c2v7-g3-18 to az23c51-g3-18 10 000 (8 mm tape on 13" reel) 10 000 az23b2v7-g3-18 to az23b51-g3-18 package package name weight molding compound flammability rating moisture sensitivity level soldering conditions sot-23 8.1 mg ul 94 v-0 msl level 1 (according j-std-020) 260 c/10 s at terminals absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit power dissipation device on fiberglass substrate, see layout on page 6 p tot 300 mw thermal resistance, junction to ambient air device on fiberglass substrate, see layout on page 6 r thja 420 k/w junction temperature t j 150 c storage temperature range t stg - 65 to + 150 c zener current i z p tot /v z ma operating temperature range t op - 55 to + 150 c
az23-g-series www.vishay.com vishay semiconductors rev. 1.3, 08-feb-13 2 document number: 85867 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) tested with pulses t p = 5 ms electrical characteristics (t amb = 25 c, unless otherwise specified) part number marking code zener voltage range (1) test current reverse voltage dynamic resistance temperature coefficient of zener voltage v z at i zt1 i zt1 i zt2 v r at i r z z at i zt1 z zk at i zt2 ? vz at i zt v ma v na ? 10 -4 /c min. nom. max. min. max. az23c2v7-g d41 2.5 2.7 2.9 5 1 - - 75 (< 83) < 500 - 9 - 4 az23c3v0-g d42 2.8 3.0 3.2 5 1 - - 80 (< 95) < 500 - 9 - 3 az23c3v3-g d43 3.1 3.3 3.5 5 1 - - 80 (< 95) < 500 - 8 - 3 az23c3v6-g d44 3.4 3.6 3.8 5 1 - - 80 (< 95) < 500 - 8 - 3 az23c3v9-g d45 3.7 3.9 4.1 5 1 - - 80 (< 95) < 500 - 7 - 3 az23c4v3-g d46 4 4.3 4.6 5 1 - - 80 (< 95) < 500 - 6 - 1 az23c4v7-g d47 4.4 4.7 5 5 1 - - 70 (< 78) < 500 - 5 2 az23c5v1-g d48 4.8 5.1 5.4 5 1 > 0.8 100 30 (< 60) < 480 - 3 4 az23c5v6-g d49 5.2 5.6 6 5 1 > 1 100 10 (< 40) < 400 - 2 6 az23c6v2-g d50 5.8 6.2 6.6 5 1 > 2 100 4.8 (< 10) < 200 - 1 7 az23c6v8-g d51 6.4 6.8 7.2 5 1 > 3 100 4.5 (< 8) < 150 2 7 az23c7v5-g d52 7 7.5 7.9 5 1 > 5 100 4 (< 7) < 50 - 3 7 az23c8v2-g d53 7.7 8.2 8.7 5 1 > 6 100 4.5 (< 7) < 50 4 7 az23c9v1-g d54 8.5 9.1 9.6 5 1 > 7 100 4.8 (< 10) < 50 5 8 az23c10-g d55 9.4 10 10.6 5 1 > 7.5 100 5.2 (< 15) < 70 5 8 az23c11-g d56 10.4 11 11.6 5 1 > 8.5 100 6 (< 20) < 70 5 9 az23c12-g d57 11.4 12 12.7 5 1 > 9 100 7 (< 20) < 90 6 9 az23c13-g d58 12.4 13 14.1 5 1 > 10 100 9 (< 25) < 110 7 9 az23c15-g d59 13.8 15 15.6 5 1 > 11 100 11 (< 30) < 110 7 9 az23c16-g d60 15.3 16 17.1 5 1 > 12 100 13 (< 40) < 170 8 9.5 az23c18-g d61 16.8 18 19.1 5 1 > 14 100 18 (< 50) < 170 8 9.5 az23c20-g d62 18.8 20 21.2 5 1 > 15 100 20 (< 50) < 220 8 10 az23c22-g d63 20.8 22 23.3 5 1 > 17 100 25 (< 55) < 220 8 10 az23c24-g d64 22.8 24 25.6 5 1 > 18 100 28 (< 80) < 220 8 10 az23c27-g d65 25.1 27 28.9 5 1 > 20 100 30 (< 80) < 250 8 10 az23c30-g d66 28 30 32 5 1 > 22.5 100 35 (< 80) < 250 8 10 az23c33-g d67 31 33 35 5 1 > 25 100 40 (< 80) < 250 8 10 az23c36-g d68 34 36 38 5 1 > 27 100 40 (< 90) < 250 8 10 az23c39-g d69 37 39 41 5 1 > 29 100 50 (< 90) < 300 10 12 az23c43-g d70 40 43 46 5 1 > 32 100 60 (< 100) < 700 10 12 az23c47-g d71 44 47 50 5 1 > 35 100 70 (< 100) < 750 10 12 az23c51-g d72 48 51 50 5 1 > 38 100 70 (< 100) < 750 10 12
az23-g-series www.vishay.com vishay semiconductors rev. 1.3, 08-feb-13 3 document number: 85867 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) tested with pulses t p = 5 ms electrical characteristics (t amb = 25 c, unless otherwise specified) part number marking code zener voltage range (1) test current reverse voltage dynamic resistance temperature coefficient of zener voltage v z at i zt1 i zt1 i zt2 v r at i r z z at i zt1 z zk at i zt2 ? vz at i zt v ma v na ? 10 -4 /c min. nom. max. min. max. az23b2v7-g d41 2.65 2.7 2.75 5 1 - - 75 (< 83) < 500 - 9 - 4 az23b3v0-g d42 2.94 3.0 3.06 5 1 - - 80 (< 95) < 500 - 9 - 3 az23b3v3-g d43 3.23 3.3 3.37 5 1 - - 80 (< 95) < 500 - 8 - 3 az23b3v6-g d44 3.53 3.6 3.67 5 1 - - 80 (< 95) < 500 - 8 - 3 az23b3v9-g d45 3.82 3.9 3.98 5 1 - - 80 (< 95) < 500 - 7 - 3 az23b4v3-g d46 4.21 4.3 4.39 5 1 - - 80 (< 95) < 500 - 6 - 1 az23b4v7-g d47 4.61 4.7 4.79 5 1 - - 70 (< 78) < 500 - 5 2 az23b5v1-g d48 5 5.1 5.2 5 1 > 0.8 100 30 (< 60) < 480 - 3 4 az23b5v6-g d49 5.49 5.6 5.71 5 1 > 1 100 10 (< 40) < 400 - 2 6 az23b6v2-g d50 6.08 6.2 6.32 5 1 > 2 100 4.8 (< 10) < 200 - 1 7 az23b6v8-g d51 6.66 6.8 6.94 5 1 > 3 100 4.5 (< 8) < 150 2 7 az23b7v5-g d52 7.35 7.5 7.65 5 1 > 5 100 4 (< 7) < 50 - 3 7 az23b8v2-g d53 8.04 8.2 8.36 5 1 > 6 100 4.5 (< 7) < 50 4 7 az23b9v1-g d54 8.92 9.1 9.28 5 1 > 7 100 4.8 (< 10) < 50 5 8 az23b10-g d55 9.8 10 10.2 5 1 > 7.5 100 5.2 (< 15) < 70 5 8 az23b11-g d56 10.8 11 11.2 5 1 > 8.5 100 6 (< 20) < 70 5 9 az23b12-g d57 11.8 12 12.2 5 1 > 9 100 7 (< 20) < 90 6 9 az23b13-g d58 12.7 13 13.3 5 1 > 10 100 9 (< 25) < 110 7 9 az23b15-g d59 14.7 15 15.3 5 1 > 11 100 11 (< 30) < 110 7 9 az23b16-g d60 15.7 16 16.3 5 1 > 12 100 13 (< 40) < 170 8 0.5 az23b18-g d61 17.6 18 18.4 5 1 > 14 100 18 (< 50) < 170 8 0.5 az23b20-g d62 19.6 20 20.4 5 1 > 15 100 20 (< 50) < 220 8 10 az23b22-g d63 21.6 22 22.4 5 1 > 17 100 25 (< 55) < 220 8 10 az23b24-g d64 23.5 24 24.5 5 1 > 18 100 28 (< 80) < 220 8 10 az23b27-g d65 26.5 27 27.5 5 1 > 20 100 30 (< 80) < 250 8 10 az23b30-g d66 29.4 30 30.6 5 1 > 22.5 100 35 (< 80) < 250 8 10 az23b33-g d67 32.3 33 33.7 5 1 > 25 100 40 (< 80) < 250 8 10 az23b36-g d68 35.3 36 36.7 5 1 > 27 100 40 (< 90) < 250 8 10 az23b39-g d69 38.2 39 39.8 5 1 > 29 100 50 (< 90) < 300 10 12 az23b43-g d70 42.1 43 43.9 5 1 > 32 100 60 (< 100) < 700 10 12 az23b47-g d71 46.1 47 47.9 5 1 > 35 100 70 (< 100) < 750 10 12 az23b51-g d72 50 51 52 5 1 > 38 100 70 (< 100) < 750 10 12
az23-g-series www.vishay.com vishay semiconductors rev. 1.3, 08-feb-13 4 document number: 85867 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 typical characteristics (t amb = 25 c, unless otherwise specified) fig. 1 - forward characteristics fig. 2 - admissible power dissipati on vs. ambient temperature fig. 3 - dynamic resistance vs. zener current fig. 4 - thermal differential resistance vs. zener voltage fig. 5 - dynamic resistance vs. zener voltage fig. 6 - temperature dependence of zener voltage vs. zener voltage 18114 ma 10 3 10 2 10 -1 10 -2 10 -3 10 -4 10 -5 10 1 i f v f 0 0.2 0.4 0.6 0.8 1 v t j = 100 c t j = 25 c 18115 mw 400 100 0 300 200 p tot t am b 0 100 200 c 500 18120 10 3 7 5 4 3 2 7 5 4 3 2 10 0.1 2345 2345 110 ma r zj i z t j = 25 c 47 + 51 43 39 36 10 2 18121 10 3 5 4 3 2 5 4 3 2 10 2 1 r zth 5 4 3 2 10 1 2345 2345 10 100 v v z at i z = 5 ma negati v e positi v e v z t j r zth = r tha x v z x 18122 100 7 5 4 3 2 7 5 4 3 2 1 r zj 10 t j = 25 c i z = 5 ma 1 2345 2345 10 100 v v z 18123 25 20 15 10 5 0 - 5 m v /c v z t j 1 2345 2345 10 100 v v z 5 ma 1 ma 20 ma i z =
az23-g-series www.vishay.com vishay semiconductors rev. 1.3, 08-feb-13 5 document number: 85867 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 7 - change of zener voltage vs. junction temperature fig. 8 - temperature dependence of zener voltage vs. zener voltage fig. 9 - change of zener voltage vs. junction temperature fig. 10 - change of zener voltage from turn-on up to the point of thermal equilibrium vs. zener voltage fig. 11 - change of zener voltage from turn-on up to the point of thermal equilibrium vs. zener voltage fig. 12 - breakdown characteristics 18124 v z at i z = 5 ma 25 15 10 8 7 6.2 5.9 5.6 5.1 4.7 3.6 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 - 1 - 0.2 v z v t j 020406080 100 120 140 c 100 80 60 40 20 0 m v /c v z t j 0 20 40 80 60 100 v v z i z = 5 ma 18126 9 7 5 3 1 - 1 v v z 8 6 4 2 0 0 100 60 t j 20 40 120 80 140 c i z = 2 ma 51 43 36 18127 1.6 1.2 0.8 0.4 0 - 0.4 v v z 1.4 1 0.6 0.2 - 0.2 1 2345 2345 10 100 v v z at i z = 5 ma v z = r zth x i z 18128 5 4 3 2 1 0 v v z 0 20 40 60 80 100 v v z i z = 5 ma i z = 2 ma v z = r zth x i z 18111 test c u rrent i z 5 ma 1 23456789 0 10 v v z 3.3 3.9 5.6 2.7 ma 50 40 30 20 10 0 l z t j = 25 c 8.2 6.8 4.7
az23-g-series www.vishay.com vishay semiconductors rev. 1.3, 08-feb-13 6 document number: 85867 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 13 - breakdown characteristics fig. 14 - breakdown characteristics layout for r thja test thickness: fiberglass 0.059 " (1.5 mm) copper leads 0.012 " (0.3 mm) 18112 10 20 30 0 40 v v z ma 30 20 10 0 l z 33 test c u rrent i z 5 ma t j = 25 c 10 12 15 18 22 27 36 18113 ma 10 8 6 4 2 0 l z 10 20 30 40 50 60 70 80 90 0 100 v v z 43 39 test c u rrent i z 5 ma t j = 25 c 47 51 17451 15 (0.59) 12 (0.47) 0.8 (0.03) 5 (0.2) 7.5 (0.3) 3 (0.12) 1 (0.4) 1 (0.4) 2 (0.8) 2 (0.8) 1.5 (0.06) 5.1 (0.2)
az23-g-series www.vishay.com vishay semiconductors rev. 1.3, 08-feb-13 7 document number: 85867 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions in millimeters (inches): sot-23 foot print recommendation: rev. 8 - date: 23. s ept.2009 17418 document no.: 6.541-5014.01-4 0.9 (0.035) 1 (0.039) 0.9 (0.035) 1 (0.039) 1.43 (0.056) 0.45 (0.018) 0.35 (0.014) 2.8 (0.110) 3.1 (0.122) 0.45 (0.018) 0.35 (0.014) 0.45 (0.018) 0.35 (0.014) 0.1 (0.004) max. 2.35 (0.093) 2.6 (0.102) 0.175 (0.007) 0.098 (0.004) 1.15 (0.045) 0.9 (0.035) 1.20 (0.047) 0.95 (0.037) 0.95 (0.037) 2 (0.079) 0.7 (0.028) 0.9 (0.035) 0 to 8 0.2 (0.008) 0.3 (0.012) 0.5 (0.020) 0.550 ref. (0.022 ref.)
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of AZ23C39-V-GS08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X